PART |
Description |
Maker |
CMRA6065 CMRA6065EP |
Solid-State DIN Rail Mount Relay; Output Device:SCR; Output Voltage Max:660Vrms; Output Voltage Min:48Vrms; Control Voltage Max:140Vrms; Control Voltage Min:90Vrms; Load Current Max:65Arms; Switching:Zero Cross RoHS Compliant: Yes TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
CMA6025-10 CMA6075P-10 CMD60110 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid State Relay; Output Device:SCR; Output Voltage Max:660Vrms; Output Voltage Min:48Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:110A; Switching:Zero Cross; Relay Options:Indicator Light RoHS Compliant: Yes
|
Crydom Inc. CRYDOM CORP
|
S201S06V |
TRIGGER OUTPUT SOLID STATE RELAY, 3000 V ISOLATION-MAX
|
SHARP ELECTRONICS CORP
|
D53TP50C D53TP25C-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
H12D4825P-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
CSD2425F CSW2425PG CSW2425PGSH W2475FGSH |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom Inc. CRYDOM CORP
|
G3NA-220B-AC100-120 G3NA-425B-AC100-240 |
TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
|
ISRT44080 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
ISOCOM COMPONENTS LTD
|
NTD2425-10 NTD2425F NTD2425F-10 NTD2410-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc. CRYDOM CORP
|
MCSS2450EM MCSP2450EM MCSP2425EM MCSS2425EM MCSS48 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc. CRYDOM CORP
|